Part Number Hot Search : 
AD7951 120SI LM2901D Y62138 MC5610 IVRC059X AP1605SL 1N4933G
Product Description
Full Text Search
 

To Download UF5400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  UF5400 ~ uf5408 utrafast efficient rectifier diodes prv : 50 ~ 1000 volts io : 3.0 ampere features : * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop * fast switching for high efficiency mechanical data : * case : do-201ad molded plastic * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight : 1.16 grams maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol uf 5400 uf 5401 uf 5402 uf 5403 uf 5404 uf 5405 uf 5406 uf 5407 uf 5408 unit maximum recurrent peak reverse voltage v rrm 50 100 200 300 400 500 600 800 1000 v maximum rms voltage v rms 35 70 140 210 280 350 420 560 700 v maximum dc blocking voltage v dc 50 100 200 300 400 500 600 800 1000 v maximum average forward current 0.375"(9.5mm) lead length ta = 55 c maximum peak forward surge current, 8.3ms single half sine wave superimposed on rated load (jedec method) , ta = 55 c maximum forward voltage at i f = 3.0 a v f 1.7 v maximum dc reverse current ta = 25 c i r m a at rated dc blocking voltage ta = 100 c i r(h) 75 200 m a maximum reverse recovery time (1) t j = 25 c trr 75 ns typical junction capacitance (2) c j 36 pf typical thermal resistance (3) r q ja c/w junction temperature range t j - 65 to + 150 c storage temperature range t stg - 65 to + 150 c notes : (1) reverse recovery test conditions : i f = 0.5 a, i r = 1.0 a, irr = 0.25 a. (2) measured at 1.0 mhz and applied reverse voltage of 4.0 v dc (3) thermal resistance from junction to ambient with 0.375"(9.5mm) lead length, both leads attached to heatsink. page 1 of 2 rev. 02 : march 25, 2005 45 20 1.0 10 50 rating i fsm a i f(av) a 3.0 150 do-201ad 0.21 (5.33) 0.19 (4.82) 0.375 (9.52) 0.285 (7.24) 0.052 (1.32) 0.048 (1.22) 1.00 (25.4) min. 1.00 (25.4) min. dimensions in inches and ( millimeters ) * pb / rohs free
rating and characteristic curves ( UF5400 ~ uf5408 ) fig.1 - reverse recovery time characteristic and test circuit diagram + notes : 1. rise time = 7 ns max., input impedance = 1 megaohm, 22 pf. 2. rise time = 10 ns max., source impedance = 50 ohms. 3. all resistors = non-inductive types. fig.2 - derating curve for output fig.3 - maximum non-repetitive peak rectified current forward surge current 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 ambient temperature, ( c) number of cycles at 60hz fig.4 - typical forward characteristics fig.5 - typical reverse characteristics 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 page 2 of 2 rev. 02 : march 25, 2005 60hz resistive or inductive load 2.4 1.8 1.2 0.6 3.0 100 10 10 120 0 150 0 90 60 30 0.1 10 80 0.01 0.1 1.0 1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) peak forward surge current, amperes average forward output current, amperes forward current, amperes reverse current, microamperes t j = 25 c t j = 100 c pulse width = 300 m s 1% duty cycle 8.3 ms single half sine wave ta = 55 c 50 vdc (approx.) d.u.t. oscilloscope ( note 1 ) 1 w 50 w 10 w pulse generator ( note 2 ) trr + 0.5 a 0 - 0.25 a - 1.0 a 1 cm set time base for 25-35 ns/cm forward voltage, volts uf5406 thru uf5408 UF5400 thru uf5405 t j = 25 c


▲Up To Search▲   

 
Price & Availability of UF5400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X